PART |
Description |
Maker |
IRL7833 IRL7833S IRL7833L L7833S |
HEXFETPower MOSFET HEXFETPower MOSFET (IRL7833x) HEXFETPower MOSFET 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFS4127PBF IRFSL4127PBF IRFS4127TRLPBF IRFS4127PB |
HEXFET Power MOSFET HEXFETPower MOSFET High Efficiency Synchronous Rectification in SMPS
|
International Rectifier
|
IRFB3307ZGPBF |
HEXFETPower MOSFET
|
International Rectifier
|
IRLRU3103PBF |
HEXFETPower MOSFET
|
International Rectifier
|
IR710PBF INTERNATIONALRECTIFIER-IR710PBF |
HEXFETPower MOSFET ㈢的HEXFET功率MOSFET
|
|
IRFZ44VZSPBF |
HEXFETPower MOSFET ( VDSS = 60V , RDS(on) = 12m, ID = 57A )
|
International Rectifier
|
IRLML2244TRPBF |
HEXFETpower MOSFET RoHS compliant containing no lead, no bromide and no halogen
|
TY Semiconductor Co., Ltd
|
PVDZ172 |
HEXFETPower MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
|
International Rectifier
|
PVR33N |
HEXFETPower MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
|
International Rectifier
|
IRLML0030TRPBF |
HEXFETpower MOSFET Compatible with existing Surface Mount Techniques Lower switching losses
|
TY Semiconductor Co., Ltd
|
PVY116-T PVY116 |
HEXFETPower MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 250mA Microelectronic Power IC
|
IRF[International Rectifier]
|
PIC18F4520TI_SO PIC18F2420TE_PSTQP PIC18F2420TE/PS |
MOSFET N-CH 70V 76A TO-247AD 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技10 CABLE ASSEMBLY; MHV MALE TO SHV PLUG ; 93 OHM, RG62A/U COAX; 12" CABLE LENGTH 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技0 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技0 MOSFET N-CH 800V 27A TO-264AA MOSFET N-CH 200V 58A TO-247AD MOSFET N-CH 200V 120A TO-264AA ADAPTER BNC R/A FEMALE-MALE Din Rail; External Width:7.5mm; Length:2m; Body Material:Steel MOSFET N-CH 70V 110A TO-264AA MOSFET N-CH 900V 6A TO-247AD MOSFET N-CH 600V 48A TO-264 MOSFET N-CH 500V 48A TO-264AA MOSFET N-CH 600V 44A TO-264AA MOSFET N-CH 100V 180A TO-264AA Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Microchip Technology, Inc. Microchip Technology Inc.
|